Part Number Hot Search : 
10N03 CPD48 MMBZ5 1A398 MA153A 16211AE EL8403IS MCT6H08
Product Description
Full Text Search
 

To Download MMBD4448V08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4448V
SURFACE MOUNT FAST SWITCHING DIODE
Please click here to visit our online spice models database.
Features
* * * * * * Ultra-Small Surface Mount Package Fast Switching Speed For General Purpose Switching Applications High Conductance Lead Free By Design/RoHS Compliant (Note 4) "Green" Device (Note 5 and 6)
Mechanical Data
* * * * * * *
SOT-563
Case: SOT-563 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.003 grams (approximate)
C1 NC A2
A1
NC
C2
TOP VIEW
BOTTOM VIEW
TOP VIEW Internal Schematic
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRM VRRM VRWM VR VR(RMS) IFM IO @ t = 1.0s @ t = 1.0s IFSM Value 100 80 57 500 250 4.0 2.0 Unit V V V mA mA A
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 2) Average Rectified Output Current (Note 2) Non-Repetitive Peak Forward Surge Current
Thermal Characteristics
Characteristic Power Dissipation (Note 2) Thermal Resistance Junction to Ambient (Note 2) Operating and Storage Temperature Range Symbol PD RJA TJ , TSTG Value 150 833 -65 to +150 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage
@TA = 25C unless otherwise specified Symbol V(BR)R VF Min 80 0.62 Max 0.72 0.855 1.0 1.25 100 50 30 25 3.5 4.0 Unit V V Test Condition IR = 2.5A IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 70V VR = 75V, TJ = 150C VR = 25V, TJ = 150C VR = 20V VR = 6V, f = 1.0MHz VR = 6V, IF = 5mA
Leakage Current (Note 3) Total Capacitance Reverse Recovery Time
Notes:
IR CT trr
nA A A nA pF ns
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Short duration pulse test used to minimize self-heating effect. 4. No purposefully added lead. 5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 6. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
MMBD4448V
Document number: DS30451 Rev. 7 - 2
1 of 2 www.diodes.com
March 2008
(c) Diodes Incorporated
MMBD4448V Ordering Information
Part Number MMBD4448V-7
Notes:
(Notes 6 & 7) Case SOT-563 Packaging 3000/Tape & Reel
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KAL = Product Type Marking Code YM = Date Code Marking Y = Year (ex: T = 2006) M = Month (ex: 9 = September)
KAL YM
Date Code Key Year Code Month Code
2004 R Jan 1 Feb 2
2005 S Mar 3
2006 T Apr 4
2007 U May 5 Jun 6
2008 V Jul 7
2009 W Aug 8
2010 X Sep 9 Oct O
2011 Y Nov N
2012 Z Dec D
Package Outline Dimensions
A
BC
D G
K H
M
SOT-563 Dim Min Max Typ A 0.15 0.30 0.20 B 1.10 1.25 1.20 C 1.55 1.70 1.60 D 0.50 G 0.90 1.10 1.00 H 1.50 1.70 1.60 K 0.55 0.60 0.60 L 0.10 0.30 0.20 M 0.10 0.18 0.11 All Dimensions in mm
L
Suggested Pad Layout
E E
Z
G
C
Dimensions Value (in mm) Z 2.2 G 1.2 X 0.375 Y 0.5 C 1.7 E 0.5
Y X
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
MMBD4448V
Document number: DS30451 Rev. 7 - 2
2 of 2 www.diodes.com
March 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBD4448V08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X